PART |
Description |
Maker |
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ABT2240CMSA 74ABT2240CMTC 74ABT2240CSC 74ABT2240 |
Dual 4-Bit Inverting Buffer/Driver ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers From old datasheet system Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
FST34X2245QSPXNL FST34X2245_05 FST34X2245 FST34X22 |
32-Bit Bus Switch with 25 Ohm Series Resistor in Outputs 32-Bit Bus Switch with 25ohm Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74FR9244SC 74FR9244SPC 74FR9244 74FR9244SCX |
9-Bit Buffer/Line Driver with 3-STATE Outputs FR/FASTR SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVQ541M |
BUFFER/DRIVER|SINGLE|8-BIT|LV-CMOS|SOP|20PIN|PLASTIC LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
STMICROELECTRONICS
|
74ALVT16244 74ALVT16244DGG 74ALVT16244DL AV16244DL |
2.5 V / 3.3 V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVC162244A 74LVC162244ADGG 74LVC162244ADL 74LVCH |
with 30 Ohm series termination resistors, 5 V input/output tolerant (3-State) 16-bit buffer/line driver; with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω串联终端电阻器,5V输入/输出容限6位缓冲器/线驱动器(三态)) 16-bit buffer/line driver; with 30ohm series termination resistors/ 5V input/output tolerant 3-State 16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State 16-bit buffer/line driver; with 30W series From old datasheet system
|
NXP Philips Semiconductors
|
74LVTH374WM 74LVT374 74LVT374MTC 74LVT374SJ 74LVT3 |
Quadruple Positive-NOR Gates With Schmitt-Trigger Inputs 14-TSSOP -40 to 85 LVT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs LVT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FST162861MTDXNL FST162861_05 FST162861 FST162861MT |
20-Bit Bus Switch with 25W Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 20-Bit Bus Switch with 25ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT162244CMTD 74ABT162244CSSC 74ABT162244CMTDX 7 |
Single Audio Amplifier Quad 4-Bit Buffer/Driver 16-Bit Buffer/Line Driver with 25 Series Resistors in the Outputs
|
Fairchild Semiconductor
|